PART |
Description |
Maker |
CY7C1320AV18-200BZC CY7C1320AV18-250BZC CY7C1318AV |
18-Mbit DDR-II SRAM 2-Word Burst Architecture IC MUX/DEMUX PCI-EX 42TQFN IC MUX/DEMUX DIFF 42-TQFN
|
Cypress Semiconductor Corp.
|
MAX4691EBET MAX4692EBET MAX4693EBET MAX4694EBET MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX4694EGE-T |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC16
|
Maxim Integrated Products, Inc.
|
MAX3784 MAX3783 MAX3781 |
2.75Gbps Dual Mux/Buffer From old datasheet system 2.7Gbps Dual Mux/Buffer with Loopback 5Gbps PC Board Equalizer
|
MAXIM - Dallas Semiconductor
|
DWM-2F4DS2720 DWM-2F8DS2720 DWM-2FSDS2720 DWM-2F4D |
FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, PANEL MOUNT, FC/APC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, PANEL MOUNT, SC/SPC CONNECTOR Multi-Channel Mux/Demux Module 200 GHz Spacing
|
JDS Uniphase Corporation http://
|
SY87724L SY87724LH1 |
3.3V AnyRateTM MUX/DEMUX Up to 2.7GHz From old datasheet system 3.3V AnyRate MUX/DEMUX Up to 2.7GHz
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
IDTQS316233PA IDTQS316233 QS316233_DS_38582 IDTQS3 |
From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH?? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX 316233 SERIES, DUAL 8-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
EPM7128A EPM7512AE EPM7128AETC144-7 EPM7512AEBC256 |
Programmable Logic , 512 Macrocells, 32 Logic Array Blocks, 176 I/o Pins, 10ns Programmable Logic , 256 Macrocells, 16 Logic Array Blocks, 120 I/o Pins, 10ns Programmable Logic Device
|
ALTERA[Altera Corporation]
|
MC10H160 MC10H160FN MC10H160L MC10H160P MC10H160M |
12-Bit Parity Generator-Checker Dual In/Single Out Autoswitching Power MUX, Auto Sw, Adj. Cur Limit, Adj. Vol Threshold, Sw Status 8-TSSOP -40 to 85 Autoswitching Power Mux 8-SON -40 to 85 10H SERIES, 12-BIT PARITY GENERATOR/CHECKER, TRUE OUTPUT, CDIP16
|
ONSEMI[ON Semiconductor]
|
ADG784 ADG784BCP |
ADMC200 & ADMC201 Motion Coprocessors CMOS 3 V/5 V Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V/ Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
|
AD[Analog Devices]
|
QS3253S1G IDTQS3253 IDTQS3253QG8 |
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
|
Integrated Device Technolog...
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|